Part Number Hot Search : 
4HCT57 MAX151 P2010 GJ3669 ZR4040 40002 40002 184X52
Product Description
Full Text Search
 

To Download MS-147R-HRMJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147 Series sOutline
The ultra-small MS-147 coaxial switch series was developed for the portable terminal interface and for inspection of microwave boards (substrates) (DC - 6GHz) used at high frequencies. To respond to the development of portable terminal technologies and popularization of highfrequency applications - up to 6GHz - this switch features low loss, low profile, and light weight. The switch circuit is designed so that the NC terminal is connected to the C terminal without a plug mated. Mating with a plug opens this connection. Vertical mounting structure allows the switch to be placed near the antenna of the portable terminal and used to inspect output and switch to an external antenna.
sFeatures
01. Low insertion loss
Insertion loss is as low as: Typically, 0.08dB at 1GHz Typically, 0.1dB at 2GHz
Saves board mounting space: Low profile: Height 3.9mm Light weight: Weight 0.11g
02. Space saving
External dimensions are 5.8mm x 5.4mm. Saves installation space.
03. Low profile
Switch height is 3.9mm.
MS-147(06)
04. Light weight
Switch weight is 0.11g
05. Long life
The switch is guaranteed for up to 12,000 mechanical operations.
qPlug
06. Auto insertable
Available in embossey tape-and-reel auto-insertable format
07. Wide application range
Operating frequency from DC to 6GHz.
08. RoHS compliant
All components and materials comply with the requirements of the EU Directive 2002/95/EC.
MS-147-C(LP)-1
09. Self-alignment
The eccentricity for plug mating is 0.5mm.
qSMA conversion adapter
sApplication
* Wireless communication (Bluetooth, IEEE 802.11) * Machines (Portable terminal, notebook PC, ETC, POS terminal, GPS terminal PDA, etc.) * Also suitable for other high-frequency machines.
MS-147-HRMJ-1
110
04/2009
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or3.9mm High, DC torepresentative. MS-147 SeriesqInterface RF Connector with Switch, contact your Hirose sales 6GHz
sProduct Specifications
Not mated with the plug Operating temperature range Power rating Frequency range Insertion loss -30c ~ +85c 4W DC ~ 6 GHz 0.15dB Max. (DC ~ 2GHz) 0.2dB Max. (2GHz ~ 3GHz) 0.4dB Max. (3GHz ~ 6GHz) Mared (MS-147-HRMJ-1) -10c ~ +65c 4W DC ~ 6 GHz 0.2dB 0.3dB 0.4dB 0.8dB max. max. max. max. (DC (2GHz (2.5GHz (3GHz ~ 2GHz) ~ 2.5GHz) ~ 3GHz) ~ 6GHz)
Isolation
25dB min. (DC ~ 1GHz) 20dB min. (1GHz ~ 3GHz) 14dB min. (3GHz ~ 6GHz) 1.2 Max. (DC ~ 3GHz) 1.25 1.3 1.4 1.9 max. max. max. max. (DC (2GHz (2.5GHz (3GHz ~ 2GHz) ~ 2.5GHz) ~ 3GHz) ~ 6GHz)
V.S.W.R.
1.5 Max. (3GHz ~ 6GHz)
Item 1.Contact resistance
Standard Center 75m ohms max. Outer 50m ohms max. 100mA max. 100V DC
Conditions
2.Insulation resistance 1,000M ohms or more 3.Withstanding voltage No flashover or insulation breakdown 4. Vibration No electrical discontinuity for 10s Min. 5. Shock
100V AC / one minute Frequency of 10 to 55 Hz, overall amplitude of 1.5 mm for 2 hours in each of 3 directions Acceleration of 490 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis 96 hours at temperature of 40c and humidity of
6.Humidity
Contact resistance: Center 100m ohms max. 90% to 95% Outer 75m ohms max. Insulation resistance 10M ohms min. Temperature : -55c +15c to +35c 85c +15c to +35c 7.Temperature cycle Time:30 5 max. 30 5 max. 100 cycles Contact resistance: Center 100m ohms max. Outer 75m ohms max. Exposed to 5% salt water solution for 48 hours(at +35c) No excessive corrosion
8.Salt spray
9.Durability Contact resistance: Center 100m ohms max. 12,000 cycles Outer 75m ohms max. (Insertion/withdrawal)
sMaterials
Part Shell Insulator Common terminal Board circuit side (N.C) terminal Material Phosphor bronze Polyamide resin Berylium copper Berylium copper Finish Gold plating _________ Gold plating Gold plating Remarks _________ UL94HB _________ _________
111 04/2009
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products SeriesqInterfaceor will Connector soon. Please check 3.9mm High, DCthe Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. MS-147 have been discontinued, RF be discontinued with Switch, the products status on to 6GHz
sTypical Data qNORMALLY CLOSED (N.C)~ (Not mated with the plug)
[dB] 0 0.2 0.6 0.8 1.6 0.4
INSERTION LOSS
V.S.W.R.
1.5 1.4 1.3 1.2 1.1 1.0 6.0 [GHz]
0.045
2.0
3.0
4.0
qOPEN (N.O)~ (Mated with the plug)
[dB] 0
INSERTION LOSS
0.2 0.4 0.6 0.8 2.0 1.8 1.6 V.S.W.R. 1.4 1.2 0.045 2.0 3.0 4.0 1.0 6.0 [GHz]
qISOLATION
[dB] 0 5
ISOLATION
10 15 20 25 30 35 40 45 0.045
ISOLATION
2.0
3.0
4.0
6.0 [GHz]
112
V.S.W.R.
V.S.W.R.
INSERTION LOSS
04/2009
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or3.9mm High, DC torepresentative. MS-147 SeriesqInterface RF Connector with Switch, contact your Hirose sales 6GHz
sReceptacle
Product No. MS-147 (06) 1,500 pieces per reel
sCircuit diagram
5.8 0.4
G B G
G A C G MS-147
G B G
G A C G
5.4
4.4 2.9
Plug
0.4 O5 O3.4
B
3.9
2-0.2
2.7
C G
0.65
G
Part Number MS-147(06)
HRS No. CL358-150-5-06 CL358-150-5-01
Packaging 1,500 pieces / reel 50 pieces
RoHS YES
A
MS-147(01)
sEmbossed Carrier Tape Dimensions
12
.5
1.75
O1
4 2
1,500 pieces per / reel Unreeling direction
2 16.4
7.5 16
O380
Unreeling direction
O1 3
5.3
O80
113 04/2009
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products SeriesqInterfaceor will Connector soon. Please check 3.9mm High, DCthe Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. MS-147 have been discontinued, RF be discontinued with Switch, the products status on to 6GHz
BPCB Mounting pattern
6.6 4 0.8
3.6
2.4 0.65 0.8 6.6 4 0.8 0.65 0.8
BMetal mask dimensions
sPlug
Right angle (1.5D-HQEW) Part No. HRS No. RoHS YES MS-147-C(LP)-1 CL358-0155-9 MS-147-C(LP)-4 CL358-0182-1
sSMA Conrersion Adapters
MS-147-SMA Jack Conrersion Adapters Part No. HRS No. RoHS YES Part No. HRS No. RoHS MS-147-HRMJ-1 CL358-0151-8 MS-147-HRMJ-3 CL358-0218-7 MS-147R-HRMJ CL358-0212-0 YES
7
6.3
5.85
3.6
3.8
6
1/4-36UNS-2A 6
O1.8
13.7 10.2
6.29
8.3 24.29 13.6 11.25 15.5 12 8 O4.8 2.7 6.8 6
O4.71
O3.4
114
04/2009
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or3.9mm High, DC torepresentative. MS-147 SeriesqInterface RF Connector with Switch, contact your Hirose sales 6GHz
BRecommended Temperature Profile
qUsing Typical Solder Paste
260c max.
5sec max. 260
q Max. temperature e Base peak temperature r 220c or over t 180c to 200c
: 260c : 240c ~ 255c : 50sec to 80sec max. : 120sec min.
w Duration of peak temperature : 5sec max.
Temperature (c)
220 200 180
100 0 120sec min. 50sec to 80sec
BExample of Application
O-ring
Note: Mounting example
115 04/2009
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products SeriesqInterfaceor will Connector soon. Please check 3.9mm High, DCthe Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. MS-147 have been discontinued, RF be discontinued with Switch, the products status on to 6GHz
sRecommended Nozzle Dimensions
O1 O1.5 O3
sPrecautions
1. Plugs
Part No. MS-147-C(LP)-1 MS-147-C(LP)-4 MS-147-HRMJ-1 MS-147-HRMJ-3 Use Plug harness type Plug harness type SMA conversion adapter SMA conversion adapter Effective mating length 0.87mm 0.87mm 0.87mm 0.87mm
2. Not washable. 3. Design the mounting holes with sufficient clearance to protect the switch from being subjected to excessive force should the board be dropped. 4. For RF interface application for portable terminals, cover the plug entry with a rubber cap to keep dust out when no plug is inserted. 5. Be sure to fully insert the plug until it contacts part P.
P
116
04/2009


▲Up To Search▲   

 
Price & Availability of MS-147R-HRMJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X